PART |
Description |
Maker |
SAF-C164CM-4EF SAF-C164CM-4R25F SAF-C164CM-4RF SAF |
16-Bit Single-Chip Microcontrol ler
|
INFINEON[Infineon Technologies AG]
|
SAK-C164CM-4EF SAK-C164CM-4RF C164SM |
16-Bit Single-Chip Microcontrol ler 16位单芯片Microcontrol莱尔
|
Infineon Technologies AG
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
LC662304A LC66E5316 LC66P5316 LC662104A LC662106A |
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
GMS34140T GMS34004T GMS34112T GMS34112TK |
Program memory:1024 bytes, 300KHz-500KHz, 4-5 V, 4 BIT single chip microcomputer 4-BIT SINGLE CHIP MICROCOMPUTERS
|
HYNIX[Hynix Semiconductor]
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
UPD78F0034B UPD780023AY UPD780021AY UPD780022AY UP |
8 Bit Single Chip Microcontroller 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, FLASH, 8.38 MHz, MICROCONTROLLER, PBGA73 9 X 9 MM, PLASTIC, FBGA-73
|
http:// NEC Corp. Electronic Theatre Controls, Inc.
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
S3C9014 S3C9004S3P9004 S3P9014 |
8-Bit Single-Chip CMOS Microcontrollers Single-chip 8-bit Microcontroller Data Sheet
|
Samsung Electronic
|
LC66406A LC66665308A |
6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
|
Sanyo Semicon Device http://
|
UPD17132GT-XXX UPD17133GT-XXX UPD17121GT-XXX UPD17 |
(UPD17120 - UPD17133) 4-Bit Single-Chip Microcontroller (UPD17133) 4 Bit Microcontroller 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER 4位单片机的小型通用红外遥控
|
NEC Corp. NEC Electronics NEC, Corp.
|